PART |
Description |
Maker |
9230-32-RC 9230-90-RC 9230-62-RC 9230-06-RC 9230-2 |
CHOKE RF MOLDED 3.3UH 10% IRON 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 0.27 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 2.2UH 10% IRON 1 ELEMENT, 2.2 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF MOLDED 47UH 10% FERRITE 1 ELEMENT, 47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 82 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR Choke, Axial Molded 1 ELEMENT, 0.15 uH, PHENOLIC-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc.
|
9220-10-RC 9220-00-RC 9220-22-RC |
Choke, Axial Molded 1 ELEMENT, 270 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
1120-1R0M 1120-4R7M 1120-3R3M 1120-3R9M |
CHOKE RF RADIAL 1.0UH 20% 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR CHOKE RF RADIAL 4.7UH 20% Leaded Choke; Series:1120; Inductance:3.3uH; Inductance Tolerance: /- 20 %; Terminal Type:Radial Leaded; Core Material:Ferrite; Current Rating:11.4A; DC Resistance Max:0.005ohm; Leaded Process Compatible:No 1 ELEMENT, 3.9 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
9250-272 9250-471 9250-684 |
CHOKE RF MOLDED 2.7UH IRON 1 ELEMENT, 2.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 0.47 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR
|
Bourns, Inc. BOURNS INC
|
S1812R-121K S1812R-122K S1812R-152K S1812R-102K S1 |
Shielded Surface Mount Inductors INDUCTOR SHIELDED 1.5UH SMD 1 ELEMENT, 1.5 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 1.0UH SMD 1 ELEMENT, 1 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 3.3UH SMD 1 ELEMENT, 3.3 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 4.7UH SMD 1 ELEMENT, 4.7 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 22UH SMD 1 ELEMENT, 22 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 680UH SMD 1 ELEMENT, 680 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 180UH SMD 1 ELEMENT, 180 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD INDUCTOR SHIELDED 10UH SMD 1 ELEMENT, 56 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD 1 ELEMENT, 820 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD
|
API Delevan
|
SRR1280-391K SRR1280-102K SRR1280-2R4Y |
SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 390 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD SMD SHIELDED POWER CHOKE-LEAD FREE 1 ELEMENT, 1000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR, SMD CHOKE, POWER, SHIELDED, 2.5UH; Inductor type:Shielded Power Choke; Inductance:2.5uH; Tolerance, inductance: /-30%; Resistance:10mR; Current, DC max:9.2A; Frequency, resonant:45.0MHz; Case style:SMD Shielded; Q factor:20; Material, RoHS Compliant: Yes
|
Bourns, Inc. BOURNS INC
|
5800-123-RC 5800-102-RC 5800-152-RC 5800-121-RC 58 |
High I , Axial Choke 1 ELEMENT, 12000 uH, FERRITE-CORE, GENERAL PURPOSE INDUCTOR RF Choke; Series:5800; Inductance:1mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.2A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:2.3ohm RF Choke; Series:5800; Inductance:1.5mH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.158A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:3.45ohm RF Choke; Series:5800; Inductance:120uH; Inductance Tolerance: /- 10 %; Terminal Type:Axial Leaded; Core Material:Ferrite; Current Rating:0.508A; Leaded Process Compatible:Yes; Mounting Type:Through Hole; Resistance:0.283ohm VW-1 rated shrink tubing to cover winding
|
Bourns, Inc. BOURNS INC Bourns Electronic Solutions Bourns Electronic Solut...
|
PIC0615HR22YN PIC0615HR68MN PIC0615HR33MN PIC0615H |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0612MR33MN PIB0612MR68MN PIB0612M2R2MN PIB0612M |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
PIB0615MR47MN PIB0615M4R7MN PIB0615M100MN PIB0615M |
MOLDED POWER CHOKE COIL
|
Superworld Electronics
|
|